Part Number Hot Search : 
20100CTP SRB2040C NM24C08 1A66B 1B4B41 PM6675S SMDFXXXX VT83205
Product Description
Full Text Search
 

To Download HT882 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HT200205 Issued Date : 1993.05.15 Revised Date : 2002.05.03 Page No. : 1/4
HT882
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HT882 is designed for using in output stage of 1w audio amplifier, voltage regulator, DC-DC converter and relay driver.
Absolute Maximum Ratings (Ta=25C)
TO-126
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ....................................................................................... 1 W Total Power Dissipation (Tc=25C) ..................................................................................... 10 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage....................................................................................... 40 V BVCEO Collector to Emitter Voltage.................................................................................... 30 V BVEBO Emitter to Base Voltage............................................................................................ 5 V IC Collector Current (DC) ...................................................................................................... 3 A IC Collector Current (Pulse) .................................................................................................. 7 A IB Base Current (DC) ......................................................................................................... 0.6 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(sat) *hFE1 *hFE2 fT Cob Min. 40 30 5 30 100 Typ. 0.3 1 150 200 90 45 Max. 1 1 0.5 2 500 Unit V V V uA uA V V Test Conditions IC=100uA IC=1mA IE=10uA VCB=30V VEB=3V IC=2A, IB=0.2A IC=2A, IB=0.2A IC=20mA, VCE=2V IC=1A, VCE=2V IC=0.1A, VCE=5V VCB=10V, f=1MHz, IE=0
*Pulse Test: Pulse Width 380us, Duty Cycle2%
MHz pF
Classification Of hFE2
Rank Range Q 100-200 P 160-320 E 250-500
HT882
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 1000
Spec. No. : HT200205 Issued Date : 1993.05.15 Revised Date : 2002.05.03 Page No. : 2/4
Saturation Voltage & Collector Current
125 C
o
75 C
o
25 C
o
Saturation Voltage (mV)
75 C 100
o
hFE
100
25 C
o
hFE @ VCE=2V 10 1 10 100 1000 10000 10 1
125 C VCE(sat) @ IC=10IB
o
10
100
1000
10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
1000 1000
Saturation Voltage & Collector Current
Saturation Voltage (mV)
75 C
o
Saturation Voltage (mV)
75 C
o
100 125 C
o
100
25 C
o
125 C
o
25 C
o
VCE(sat) @ IC=40IB 10 1 10 100 1000 10000 10 1 10 100
VCE(sat) @ IC=20IB
1000
10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
10000 100
Capacitance & Reverse-Biased Voltage
Saturation Voltage (mV)
75 C 1000 25 C
o
o
Capacitance (pF)
Cob 10
125 C VBE(sat) @ IC=10IB 100 1 10 100 1000 10000 1 0.1 1 10 100
o
Collector Current-IC (mA)
Reverse-Biased Voltage (V)
HT882
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HT200205 Issued Date : 1993.05.15 Revised Date : 2002.05.03 Page No. : 3/4
Cutoff Frequency & Collector Current
1000 10
Safe Operating Area
PT=1mS
Cutoff Frequency (MHz).. .
100
VCE=5V
Collector Current-IC (A)
PT=1S PT=100mS 1
10
1 1 10 100 1000
0.1 1 10 100
Collector Current (mA)
Forward Voltage-VCE (V)
HT882
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-126 Dimension
D A B 123 G C I E J K M
Spec. No. : HT200205 Issued Date : 1993.05.15 Revised Date : 2002.05.03 Page No. : 4/4
Marking:
3
Date Code
H 882
T Rank Control Code
4
Style: Pin 1.Emitter 2.Collector 3.Base
F H
L
1 2
3-Lead TO-126 Plastic Package HSMC Package Code: T
*: Typical
DIM 1 2 3 4 A B C D E
Inches Min. Max. *3 *3 *3 *3 0.1500 0.1539 0.2752 0.2791 0.5315 0.6102 0.2854 0.3039 0.0374 0.0413
Millimeters Min. Max. *3 *3 *3 *3 3.81 3.91 6.99 7.09 13.50 15.50 7.52 7.72 0.95 1.05
DIM F G H I J K L M
Inches Min. Max. 0.0280 0.0319 0.0480 0.0520 0.1709 0.1890 0.0950 0.1050 0.0450 0.0550 0.0450 0.0550 *0.0217 0.1378 0.1520
Millimeters Min. Max. 0.71 0.81 1.22 1.32 4.34 4.80 2.41 2.66 1.14 1.39 1.14 1.39 *0.55 3.50 3.86
Notes: 1.Dimension and tolerance based on our Spec. dated Mar. 6,1995.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HT882
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HT882

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X